Part Number Hot Search : 
MRF837 DA120 V20P30P TC3782 EP7230 580A4 1212UG MDU1910
Product Description
Full Text Search
 

To Download TS78M05ACP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS78M00A series
3-Terminal Medium Current Positive Voltage Regulator
Pin assignment: 1. Input 2. Ground 3. Output (Heatsink surface connected to Pin 2)
Voltage Range 5V to 24V Output Current up to 0.5A
General Description
The TS78M00A Series positive voltage regulators are identical to the popular TS7800 Series devices, except that they are specified for only half the output current. Like the TS7800 devices, the TS78M00A Series 3-Terminal regulators are intended for local, on-card voltage regulation. Internal current limiting, thermal shutdown circuitry and safe-area compensation for the internal pass transistor combine to make these devices remarkably rugged under most operating conditions. Maximum output current with adequate heatsink is 500mA This series is offered in 3-pin TO-220, TO-252 package.
Features
Output current up to 0.5A No external components required Internal thermal overload protection Internal short-circuit current limiting Output transistor safe-area compensation Output voltage offered in 2% tolerance
Standard Application
Ordering Information
Part No.
TS78MxxACZ TS78MxxACP
Operating Temp. (Ambient)
-20 ~ +85oC
Package
TO-220 TO-252
Note: Where xx denotes voltage option.
A common ground is required between the input and the output voltages. The input voltage must remain typically 2.0V above the output voltage even during the low point on the Input ripple voltage. XX = these two digits of the type number indicate voltage. * = Cin is required if regulator is located an appreciable distance from power supply filter. ** = Co is not needed for stability; however, it does improve transient response.
Absolute Maximum Rating
Input Voltage Input Voltage Power Dissipation TO-220 TO-220 TO-252 Operating Junction Temperature Range Storage Temperature Range Note : * TS78M05A to TS78M18A ** TS78M24A *** Follow the derating curve Vin * Vin ** Without heatsink Pt *** Without heatsink TJ TSTG 35 40 2 15 1 0 ~ +150 -65 ~ +150
o o
V V
W
C C
TS78M00A series
1-9
2003/12 rev. B
TS78M05A Electrical Characteristics
(Vin=10V, Iout=350mA, 0 oCTj125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Output voltage
Symbol
o
Test Conditions
Tj=25 C 7.5VVin20V, 5mAIout350mA, PD5W 7.5VVin25V, Io=200mA 5mAIout500mA 5mAIout200mA
o
Min
4.90 4.80 -------
Typ
5 5 3 20 10 3 --40 80 2 0.7 -0.2
Max
5.10 5.20 50 100 50 6 0.8 0.5 ------
Unit
V
Vout
Line Regulation Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Ratio Voltage Drop Peak Output Current Temperature Coefficient of Output Voltage
REGline REGload Iq Iq Vn RR Vdrop Io peak Vout/ Tj
Tj=25 oC Tj=25 C
o
mV
Iout=0, Tj=25 C 7.5VVin25V 5mAIout350mA 10Hzf100KHz, Tj=25 C f=120Hz, 8VVin18V Iout=350mA, Tj=25 C Tj=25 C Iout=5mA, 0 oCTj125 oC
o o o
mA uV dB V A mV/
o
-62 ----
C
TS78M06A Electrical Characteristics
(Vin=11V, Iout=350mA, 0 oCTj125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Output Voltage
Symbol
o
Test Conditions
Tj=25 C 8.5VVin21V, 5mAIout350mA, PD5W 8.5VVin25V, Io=200mA 5mAIout500mA 5mAIout200mA
o
Min
5.88 5.76 -------
Typ
6 6 3 20 10 3 --45 80 2 50 0.7
Max
6.12 6.24 50 120 60 6 0.8 0.5 ------
Unit
V
Vout
Line Regulation Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Ratio Voltage Drop Output Short Circuit Current Peak Output Current Temperature Coefficient of
REGline REGload Iq Iq Vn RR Vdrop Ios Io peak
Tj=25 oC Tj=25 C
o
mV
Iout=0, Tj=25 C 8.5VVin25V 5mAIout350mA 10Hzf100KHz, Tj=25 C f=120Hz, 9VVin19V Iout=350mA, Tj=25 C Tj=25 C Tj=25 C
o o o o
mA uV dB V mA A mV/
o
-59 ----
Vout/ Tj Iout=5mA, 0 oCTj125 oC --0.2 -Output Voltage Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible, and thermal effects must be taken into account separately. This specification applies only for DC power dissipation permitted by absolute maximum ratings.
C
TS78M00A series
2-9
2003/12 rev. B
TS78M08A Electrical Characteristics
(Vin=14V, Iout=350mA, 0 oCTj125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Output Voltage
Symbol
o
Test Conditions
Tj=25 C 10.5VVin23V, 5mAIout350mA, PD5W 10.5VVin25V, Io=200mA 5mAIout500mA 5mAIout200mA
o
Min
7.84 7.68 -------
Typ
8 8 6 25 10 3 --52 80 2 50 0.7 -0.2
Max
8.16 8.32 50 160 80 6 0.8 0.5 -------
Unit
V
Vout
Line Regulation Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Ratio Voltage Drop Output Short Circuit Current Peak Output Current Temperature Coefficient of Output Voltage
REGline REGload Iq Iq Vn RR Vdrop Ios Io peak Vout/ Tj
Tj=25 oC Tj=25 C
o
mV
Iout=0, Tj=25 C 10.5VVin25V 5mAIout350mA 10Hzf100KHz, Tj=25 C f=120Hz, 11VVin21V Iout=350mA, Tj=25 C Tj=25 C Tj=25 C Iout=5mA, 0 oCTj125 oC
o o o o
mA uV dB V mA A mV/
o
-56 -----
C
TS78M09A Electrical Characteristics
(Vin=15V, Iout=350mA, 0 oCTj125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Output Voltage
Symbol
o
Test Conditions
Tj=25 C 11.5VVin23V, 5mAIout350mA, PD5W 11.5VVin26V, Io=200mA 5mAIout500mA 5mAIout200mA
Min
Typ
Max
Unit
Vout
Line Regulation Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Ratio Voltage Drop Output Short Circuit Current Peak Output Current Temperature Coefficient of
REGline REGload Iq Iq Vn RR Vdrop Ios Io peak
Tj=25 oC Tj=25 oC
Iout=0, Tj=25 oC 11.5VVin26V 5mAIout350mA 10Hzf100KHz, Tj=25 oC f=120Hz, 12VVin22V Iout=350mA, Tj=25 oC Tj=25 oC Tj=25 oC
Vout/ Tj Iout=5mA, 0 oCTj125 oC Output Voltage Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible, and thermal effects must be taken into account separately. This specification applies only for DC power dissipation permitted by absolute maximum ratings.
TS78M00A series
3-9
2003/12 rev. B
TS78M10A Electrical Characteristics
(Vin=16V, Iout=350mA, 0 oCTj125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Output Voltage
Symbol
o
Test Conditions
Tj=25 C 12.5VVin25V, 5mAIout350mA, PD5W 12.5VVin28V, Io=200mA 5mAIout500mA 5mAIout200mA
o
Min
9.80 9.60 -------
Typ
10 10 8 25 10 3 --70 80 2 50 0.7 -0.3
Max
10.20 10.40 50 200 100 6 0.8 0.5 -------
Unit
V
Vout
Line Regulation Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Ratio Voltage Drop Output Short Circuit Current Peak Output Current Temperature Coefficient of Output Voltage
REGline REGload Iq Iq Vn RR Vdrop Ios Io peak Vout/ Tj
Tj=25 oC Tj=25 C
o
mV
Iout=0, Tj=25 C 12.5VVin28V 5mAIout350mA 10Hzf100KHz, Tj=25 C f=120Hz, 13VVin23V Iout=350mA, Tj=25 C Tj=25 C Tj=25 C Iout=5mA, 0 oCTj125 oC
o o o o
mA uV dB V mA A mV/
o
-55 -----
C
TS78M12A Electrical Characteristics
(Vin=19V, Iout=350mA, 0 oCTj125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Output Voltage
Symbol
o
Test Conditions
Tj=25 C 14.5VVin27V, 5mAIout350mA, PD 5W 14.5VVin30V, Io=200mA 5mAIout500mA 0mAIout200mA
Min
11.76 11.52 -------
Typ
12 12 8 25 10 3 --75 80 2 50 0.7 -0.3
Max
12.24 12.48 50 240 120 6 0.8 0.5 -------
Unit
V
Vout
Line Regulation Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Ratio Voltage Drop Output Short Circuit Current Peak Output Current Temperature Coefficient of
REGline REGload Iq Iq Vn RR Vdrop Ios Io peak Vout/ Tj
Tj=25 oC Tj=25 oC
o
mV
Tj=25 C, Iout=0 14.5VVin30V 5mAIout200mA 10Hzf100KHz, Tj=25 C f=120Hz, 15VVin25V Iout=350mA, Tj=25 C Tj=25 C Tj=25 oC Iout=5mA, 0 oCTj125 oC
o o o
mA uV dB V mA A mV/
o
-55 -----
Output Voltage Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible, and thermal effects must be taken into account separately. This specification applies only for DC power dissipation permitted by absolute maximum ratings.
C
TS78M00A series
4-9
2003/12 rev. B
TS78M15A Electrical Characteristics
(Vin=23V, Iout=350mA, 0 oCTj125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Output Voltage
Symbol
o
Test Conditions
Tj=25 C 17.5VVin30V, 5mAIout350mA, PD 5W Tj=25
o
Min
14.70 14.40 -------
Typ
15 15 8 25 10 3 --90 70 2 50 0.7 -0.3
Max
15.30 15.60 50 300 150 6 0.8 0.5 -------
Unit
V
Vout
Line Regulation Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Ratio Voltage Drop Output Short Circuit Current Peak Output Current Temperature Coefficient of Output Voltage
REGline REGload Iq Iq Vn RR Vdrop Ios Io peak Vout/ Tj
17.5VVin30V, Io=200mA 5mAIout500mA 5mAIout200mA
o
C C
mV
Tj=25
o
Tj=25 C, Iout=0 17.5VVin30V 5mAIout350mA 10Hzf100KHz, Tj=25 C f=120Hz, 18VVin28V Iout=350mA, Tj=25 C Tj=25 C Tj=25 C Iout=5mA, 0 oCTj125 oC
o o o o
mA uV dB V mA A mV/
o
-54 -----
C
TS78M18A Electrical Characteristics
(Vin=27V, Iout=350mA, 0 oCTj125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Output Voltage
Symbol
o
Test Conditions
Tj=25 C 21VVin33V, 5mAIout350mA, PD 5W 21VVin33V, Io=200mA 5mAIout500mA 5mAIout200mA
Min
17.64 17.28 -------
Typ
18 18 8 25 10 3 --110 70 2 50 0.7 -0.5
Max
18.36 18.72 50 360 180 6 0.8 0.5 -------
Unit
V
Vout
Line Regulation Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Ratio Voltage Drop Output Short Circuit Current Peak Output Current Temperature Coefficient of
REGline REGload Iq Iq Vn RR Vdrop Ios Io peak Vout/ Tj
Tj=25 oC Tj=25 oC
o
mV
Tj=25 C, Iout=0 21VVin33V 5mAIout350nA 10Hzf100KHz, Tj=25 C f=120Hz, 21VVin31V Iout=350mA, Tj=25 C Tj=25 C Tj=25 oC Iout=5mA, 0 oCTj125 oC
o o o
mA uV dB V mA A mV/
o
-54 -----
Output Voltage Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible, and thermal effects must be taken into account separately. This specification applies only for DC power dissipation permitted by absolute maximum ratings.
C
TS78M00A series
5-9
2003/12 rev. B
TS78M24A Electrical Characteristics
(Vin=33V, Iout=350mA, 0 oCTj125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Output Voltage
Symbol
o
Test Conditions
Tj=25 C 27VVin38V, 5mAIout350mA, PD 5W 27VVin38V, Io=200mA 5mAIout500mA 5mAIout200mA
o
Min
23.52 22.04 -------
Typ
24 24 10 30 10 4 --170 70 2 50 0.7
Max
24.48 25.96 50 480 240 7 0.8 0.5 ------
Unit
V
Vout
Line Regulation Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Ratio Voltage Drop Output Short Circuit Current Peak Output Current Temperature Coefficient of
REGline REGload Iq Iq Vn RR Vdrop Ios Io peak
Tj=25 oC Tj=25 oC
mV
Iout=0, Tj=25 C 27VVin38V 5mAIout350mA 10Hzf100KHz, Tj=25 C f=120Hz, 27VVin37V Iout=350mA, Tj=25 C Tj=25 C Tj=25 C
o o o o
mA uV dB V mA A mV/
o
-50 ----
Vout/ Tj Iout=5mA, 0 oCTj125 oC --0.5 -Output Voltage Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible, and thermal effects must be taken into account separately. This specification applies only for DC power dissipation permitted by absolute maximum ratings.
C
TS78M00A series
6-9
2003/12 rev. B
Electrical Characteristics Curve
FIGURE 1 - Worst Case Power Dissipation v.s. Ambient Temperature FIGURE 2 - Peak Output Current v.s. Dropout Voltage
FIGURE 3 - Quiescent Current v.s. Input Voltage
FIGURE 4 -Dropout Voltage v.s. Junction Temperature
FIGURE 5 - Quiescent Current v.s. Output Current
FIGURE 6 - TO-252 Thermal Resistance and Pd(max) v.s. P.C.B Copper Length
TS78M00A series
7-9
2003/12 rev. B
Electrical Characteristics Curve
FIGURE 7 - Ripple Rejection v.s. Frequency FIGURE 8 - Ripple Rejection v.s. Output Voltage
TS78M00A series
8-9
2003/12 rev. B
TO-220 Mechanical Drawing
A
B
C
K L
DIM
TO-220 DIMENSION MILLIMETERS INCHES MIN 10.000 3.240 2.440 0.381 2.345 4.690 12.700 8.382 14.224 3.556 0.508 27.700 2.032 0.255 5.842 MAX 10.500 4.440 2.940 6.350 1.106 2.715 5.430 14.732 9.017 16.510 4.826 1.397 29.620 2.921 0.610 6.858 MIN 0.394 0.128 0.096 0.015 0.092 0.092 0.500 0.330 0.560 0.140 0.020 1.060 0.080 0.010 0.230 MAX 0.413 0.175 0.116 0.250 0.040 0.058 0.107 0.581 0.355 0.650 0.190 0.055 1.230 0.115 0.024 0.270
P
J I
M
D H F G E
O N
J A E F I B G D C H
TS78M00A series 9-9
A B C D E F G H I J K L M N O P
TO-252 Mechanical Drawing
DIM A B C D E F G H I J
TO-252 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 6.570 6.840 0.259 0.269 9.250 0.550 2.560 2.300 0.490 1.460 0.520 5.340 1.460 10.400 0.700 2.670 2.390 0.570 1.580 0.570 5.550 1.640 0.364 0.022 0.101 0.090 0.019 0.057 0.020 0.210 0.057 0.409 0.028 0.105 0.094 0.022 0.062 0.022 0.219 0.065
2003/12 rev. B


▲Up To Search▲   

 
Price & Availability of TS78M05ACP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X